|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Small Signal Transistor Arrays UNA0216 (UN216) Transistor array to drive the small motor s Features q q q q Small and lightweight Low power consumption (low VCE(sat) transistor used) Low-voltage drive With 6 elements incorporated. (SO-14) Unit: mm 7 0.40.1 654321 0.2+0.1 -0.0 (0.5) 5.50.3 7.70.3 q q q q 12 s Absolute Maximum Ratings Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Collector current Total power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC PT* Tj Tstg (Ta=252C) Ratings 12 10 7 3 0.5 150 -55 to +150 Unit V V V A W C C 1 2 3 4 5 6 7 14 13 12 11 10 9 8 (0.8) 1.50.1 1.5+0.2 -0.1 Video cameras Cameras Portable CD players Small motor drive circuits in general for electronic equipment. 6.50.3 SO14-G1 Package Internal Connection Note: marks used above: +: NPN part, -: PNP part * TC = 25C only when the elements are active Note.) The Part number in the Parenthesis shows conventional part number. 0.50.2 8 9 10 11 12 13 14 0.90.1 12 s Applications 45 1 Small Signal Transistor Arrays UNA0216 s Electrical Characteristics Parameter Collector cutoff current (Ta=252C) Symbol ICBO VCBO VCEO VEBO hFE VCE(sat)1 fT Cob VF Conditions (NPN) VCB = 10V (PNP) VCB = -10V (NPN) IC = 10A (PNP) IC = -10A (NPN) IC = 1mA (PNP) IC = -1mA (NPN) IE = 10A (PNP) IE = -10A (NPN) VCE = 1V, IC = 0.5A* (PNP) VCE = -1V, IC = - 0.5A* (NPN) IC = 2A, IB = 50mA (PNP) IC = -2A, IB = -50mA (NPN) VCB = 6V, IE = -50mA, f = 200MHz (PNP) VCB = -6V, IE = 50mA, f = 200MHz (NPN) VCB = 10V, IE = 0, f = 1MHz (PNP) VCB = 10V, IE = 0, f = 1MHz (NPN) IF = 1A (PNP) IF = -1A 150 150 50 65 1.5 1.5 12 -12 10 -10 7 -7 200 200 800 800 0.25 - 0.45 V min typ max 1 -1 Unit A Collector to base voltage V Collector to emitter voltage V Emitter to base voltage V Forward current transfer ratio Collector to emitter saturation voltage Transition frequency MHz Collector output capacitance pF Forward voltage (DC) *Pulse measurement V Characteristics charts of PNP transistor block PT -- Ta 0.6 -6 Ta=25C IC -- VCE -6 IC -- VBE VCE= -1V -5 Total power dissipation PT (W) 0.5 -5 Collector current IC (A) Collector current IC (A) 0.4 -4 -4 Ta=75C -3 25C -25C 0.3 -3 IB= -8mA -7mA -6mA 0.2 -2 -5mA -4mA -3mA -2mA -2 0.1 -1 -1mA -1 0 0 20 40 60 80 100 120 140 160 0 0 -2 -4 -6 -8 -10 -12 0 0 -0.4 -0.8 -1.2 -1.6 -2.0 -2.4 Ambient temperature Ta (C) Collector to emitter voltage VCE (V) Base to emitter voltage VBE (V) 2 Small Signal Transistor Arrays VCE(sat) -- IC -10 UNA0216 hFE -- IC Cob -- VCB VCE=-1V 320 Collector to emitter saturation voltage VCE(sat) (V) IC/IB=40 800 Collector output capacitance Cob (pF) -1 -0.3 -0.1 -0.03 -0.01 -0.003 -0.001 -0.01 -0.03 -0.1 -0.3 Ta=75C 25C -25C Forward current transfer ratio hFE -3 700 600 500 400 300 200 100 0 -0.01 -0.03 -0.1 -0.3 Ta=75C 25C -25C 280 240 200 160 120 80 40 0 -0.1 -0.3 f=1MHz IE=0 Ta=25C -1 -3 -10 -1 -3 -10 -1 -3 -10 -30 -100 Collector current IC (A) Collector current IC (A) Collector to base voltage VCB (V) Characteristics charts of NPN transistor block PT -- Ta 0.6 IC -- VCE 3.0 Ta=25C 6 IC -- VBE VCE=1V 5 Total power dissipation PT (W) 0.5 2.5 Collector current IC (A) Collector current IC (A) 0.4 2.0 IB=8mA 1.5 7mA 6mA 5mA 4mA 3mA 0.5 2mA 1mA 4 Ta=75C 3 25C -25C 0.3 0.2 1.0 2 0.1 1 0 0 20 40 60 80 100 120 140 160 0 0 1 2 3 4 5 6 0 0 0.4 0.8 1.2 1.6 2.0 2.4 Ambient temperature Ta (C) Collector to emitter voltage VCE (V) Base to emitter voltage VBE (V) VCE(sat) -- IC 10 hFE -- IC IC/IB=40 800 Cob -- VCB Collector output capacitance Cob (pF) VCE=1V 160 140 120 100 80 60 40 20 0 0.1 f=1MHz IE=0 Ta=25C Collector to emitter saturation voltage VCE(sat) (V) 3 1 0.3 Ta=75C 0.1 0.03 0.01 0.003 0.001 0.01 0.03 25C -25C Forward current transfer ratio hFE 700 600 500 400 -25C 300 200 100 0 0.01 0.03 Ta=75C 25C 0.1 0.3 1 3 10 0.1 0.3 1 3 10 0.3 1 3 10 30 100 Collector current IC (A) Collector current IC (A) Collector to base voltage VCB (V) 3 Request for your special attention and precautions in using the technical information and semiconductors described in this material (1) An export permit needs to be obtained from the competent authorities of the Japanese Government if any of the products or technologies described in this material and controlled under the "Foreign Exchange and Foreign Trade Law" is to be exported or taken out of Japan. (2) The technical information described in this material is limited to showing representative characteristics and applied circuit examples of the products. It does not constitute the warranting of industrial property, the granting of relative rights, or the granting of any license. (3) The products described in this material are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). Consult our sales staff in advance for information on the following applications: * Special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the products may directly jeopardize life or harm the human body. * Any applications other than the standard applications intended. (4) The products and product specifications described in this material are subject to change without notice for reasons of modification and/or improvement. At the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date Product Standards in advance to make sure that the latest specifications satisfy your requirements. (5) When designing your equipment, comply with the guaranteed values, in particular those of maximum rating, the range of operating power supply voltage and heat radiation characteristics. Otherwise, we will not be liable for any defect which may arise later in your equipment. Even when the products are used within the guaranteed values, redundant design is recommended, so that such equipment may not violate relevant laws or regulations because of the function of our products. (6) When using products for which dry packing is required, observe the conditions (including shelf life and after-unpacking standby time) agreed upon when specification sheets are individually exchanged. (7) No part of this material may be reprinted or reproduced by any means without written permission from our company. Please read the following notes before using the datasheets A. These materials are intended as a reference to assist customers with the selection of Panasonic semiconductor products best suited to their applications. Due to modification or other reasons, any information contained in this material, such as available product types, technical data, and so on, is subject to change without notice. Customers are advised to contact our semiconductor sales office and obtain the latest information before starting precise technical research and/or purchasing activities. B. Panasonic is endeavoring to continually improve the quality and reliability of these materials but there is always the possibility that further rectifications will be required in the future. Therefore, Panasonic will not assume any liability for any damages arising from any errors etc. that may appear in this material. C. These materials are solely intended for a customer's individual use. Therefore, without the prior written approval of Panasonic, any other use such as reproducing, selling, or distributing this material to a third party, via the Internet or in any other way, is prohibited. 2001 MAR |
Price & Availability of UNA0216 |